PART |
Description |
Maker |
PKF4713 PKF4629PI PKF4611 PKF4611PI PKF4622 PKF431 |
37 W DC/DC Power Modules 48 V Input Series 3?7 W DC/DC Power Modules 48 V Input Series
|
ERICSSON
|
PKG4627 |
30-60W DC/DC Power Modules 48V Input Series
|
Ericsson Microelectronics
|
PKA2325PI PKA2000 PKA2232PI PKA2232CI |
25-40 W DC/DC Power Modules 24 V Input Series 25-40 W DC/DC Power Modules 24 V Input Series
|
http:// Ericsson
|
GS-F8MB-SIMM 4962 |
8MByte SIMM Flash Memory Module(8M字节SIMM闪速存储器模块) 8MByte上海药物研究所闪存模块(上海药物研究所800万字节闪速存储器模块 8M X 8 FLASH 5V PROM MODULE, 70 ns, SMA80 SIMM-80 From old datasheet system 8 MByte SIMM FLASH MEMORY MODULE
|
Numonyx Asia Pacific Pte, Ltd. STMicroelectronics N.V. ST Microelectronics 意法半导
|
IPM24S0A0R03FA IPM24S0A0S03FA IPM24S0B0R03FA IPM24 |
Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
|
Delta Electronics, Inc.
|
IPM12S0A0S10FA IPM04S0A0R08FA IPM04S0A0R10FA IPM04 |
Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
|
DELTA[Delta Electronics, Inc.]
|
IPM24S0C0S03FA |
Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output 德尔福系列IPM24S0B0,非隔离,综合点负载电源模块1V36V输入.36.5V的和3A输出
|
Delta Electronics, Inc.
|
RM60SZ-6S RM60SZ-6S/-6R RM60SZ-6R |
DIODE MODULES MEDIUM POWER GENERAL USE NON-INSULATED TYPE Fast Recovery Diode Modules, F Series (for welding)
|
Mitsubishi Electric Corporation
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|